Part Number Hot Search : 
10U45 10BF60TR NJU7706F LM339AE RC455 TMS200 500UA B12V114B
Product Description
Full Text Search
 

To Download IRF36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF-36
Vishay Dale
Inductors
Epoxy Conformal Coated, Axial Leaded
FEATURES
* High performance ferrite core is used in this epoxy conformally coated choke which allows for inductance values to 1000H. * Axial lead type, small lightweight design. * Special magnetic core structure contributes to high Q and self-resonant frequencies. * Treated with epoxy resin coating for humidity resistance to ensure long life. * Heat resistant adhesives and special structural design for effective open circuit measurement.
STANDARD ELECTRICAL SPECIFICATIONS
TEST FREQ. Q L&Q MIN. (MHz) 25 25 25 25 25 25 25 25 25 25 25 45 45 50 50 55 55 60 65 65 70 70 75 70 70 70 70 65 40 55 55 50 45 40 40 35 30 70 70 70 70 65 65 65 60 60 55 55 50 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 SELFRES. FREQ. MIN. (MHz) 320 320 320 320 300 300 300 280 250 230 210 172 140 140 131 121 110 100 94 86 80 74 68 53 45 34 20 14 9.9 7.6 6.3 6.3 6.3 6.2 5.7 5.3 4.8 3.8 3.5 3.3 3.0 2.8 2.6 2.4 2.25 2.10 1.95 1.85 1.40 RATED DCR DC MAX. CURRENT () (mA) 0.15 0.16 0.17 0.19 0.21 0.24 0.28 0.32 0.36 0.41 0.47 0.24 0.24 0.27 0.30 0.32 0.35 0.35 0.35 0.37 0.39 0.43 0.48 0.52 0.58 0.63 0.72 0.77 0.84 0.94 1.03 1.12 1.22 1.34 1.47 1.62 1.80 3.7 4.2 4.6 5.1 5.8 6.4 7.0 7.7 8.5 9.4 12.0 17.4 1750 1650 1560 1480 1400 1320 1280 1200 1150 1100 1030 980 920 880 830 790 750 720 670 640 620 590 550 530 500 480 460 430 410 390 370 350 340 320 306 290 275 185 175 165 155 146 137 133 126 120 113 100 100
IND. (H) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
TOL. 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, + 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10%
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.1H to 1000H. Inductance Tolerance: 10% from 0.1H to 1000H standard, 5% optional. Operating Temperature Range: - 20C to + 105C. Dielectric Strength: 250V RMS.
MECHANICAL SPECIFICATIONS
Terminal Strength: Pull = 5 pounds. Twist = 360C x 3. Protection: Epoxy uniform roll coated. Leads: Tinned copper.
ENVIRONMENTAL SPECIFICATIONS
Maximum Temperature Rise: + 20C.
DIMENSIONS in inches [millimeters]
C (Max.) D (Max.) A (Max.) B (Max.)
0.98 [25.0] Min. 1.22 [31.0] Max.
MODEL IRF-36
A (Max.) 0.236 [6.0]
B (Max.) 0.157 [4.0]
C (Max.) 0.551 [14.0]
D (Max.) 0.026 [0.65]
DESCRIPTION
IRF-36 MODEL 4.7H INDUCTANCE VALUE 10% INDUCTANCE TOLERANCE ER PACKAGE CODE e2 JDEC LEAD FREE STANDARD
GLOBAL PART NUMBER
I R F 3 6 E R 4 R
INDUCTANCE VALUE
7
K
TOL.
SIZE PRODUCT FAMILY See the end of this data book for conversion tables
PACKAGE CODE
www.vishay.com 34
For technical questions, contact Magnetics@vishay.com
Document Number 34057 Revision 10-Feb-05


▲Up To Search▲   

 
Price & Availability of IRF36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X